Part Number Hot Search : 
UCA6408N GCM188 200D1 29LV8 GN01022 5ETTT 29LV0 MRF8S
Product Description
Full Text Search
 

To Download PCI-1714UL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data acquisition boards features rohs compliant 2002/95/ec specifcations analog input channels 4 single-ended resolution 12 bits max. sampling rate pci-1741u: 30 ms/s pci-1741ul: 10 ms/s fifo size pci-1714u: 32,768 samples for each channel PCI-1714UL: 8,192 samples for each channel overvoltage protection 30 vp-p input impedance 50 w /1 m w /hi z jumper selectable/100 pf sampling modes software polling, pacer trigger modes post-trigger, pre-trigger, delay-trigger, about-trigger input range (v) 5, 2.5, 1, 0.5 general bus type universal pci v2.2 i/o connectors 4 x bnc connector (for ai) 1 x ps/2 connector (for ext. clock and trigger) dimensions 175 x 100mm (6.9" x 3.9") power consumption typical: +5 v @ 850 ma ; +12 v @ 600 ma max.: +5 v @ 1 a; +12 v @ 700m a operating temperature 0 ~ 70 c (32 ~ 158 f) storage temperature -20 ~ 85 c (-4 ~ 185 f) storage humidity 5 ~ 95% rh, non-condensing (refer to iec 68-2-3) certifcations ce ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? pci-1714u PCI-1714UL 4 single-ended analog input channels 12-bit a/d converter, with up to 30 mhz sampling rate programmable gain onboard fifo memory (pci-1714u: 32,768 samples PCI-1714UL: 8,192 samples, each channel) 4 a/d converters simultaneously sampling multiple a/d triggering modes programmable pacer/counter boardid? switch universal pci bus (support 3.3 v or 5 v pci bus signal) ? ? ? ? ? ? ? ? ? 30 ms/s, 12-bit, simultaneous 4-ch analog input universal pci card 10 ms/s, 12-bit, simultaneous 4-ch analog input universal pci card ps/2 ps/2 ordering information pci-1714u 30 ms/s, 12-bit, simultaneous 4-ch ai pci card PCI-1714UL 10 ms/s, 12-bit, simultaneous 4-ch ai pci card adam-3909 db9 din-rail wiring board pcl-1010b-1 bnc to bnc wiring cable, 1 m pcl-10901-1 ps/2 to db9 cable, 1 m pcl-10901-3 ps/2 to db9 cable, 3 m pin assignments ? ? ? ? ? ? introduction pci-1714u is an advanced high-performance data acquisition card based on the pci bus. with a large fifo of 32,768 for each channel, the maximum sampling rate of pci-1714u can get up to 30 ms/s, on each channel, with an emphasis on continuous, non-stop, high-speed, streaming data of samples to host memory. the low-cost PCI-1714UL offers 10ms/s on each channel at a stable rate, and has also been equipped with a universal pci interface.


▲Up To Search▲   

 
Price & Availability of PCI-1714UL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X